Part Number Hot Search : 
2222L WRA12 N2222A 2SD157 C9870G FE0601W 2SAR514 11008
Product Description
Full Text Search
 

To Download UTCMC34072 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTC MC34072 LINEAR INTEGRATED CIRCUIT
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
DESCRIPTION
The UTC MC34072 offer 4.5MHz of gain bandwidth product, 13V/s slew rate and fast setting time without the use of JFET device technology. Although it can be operated from split supplies, it is particularly suited for single supply operation, since the common mode input voltage range includes ground potential (VEE). With A Darlington input stage, it exhibits high input resistance, low input offset voltage and high gain. The all NPN output stage, characterized by no deadband crossover distortion and large output voltage swing, provides high capacitance drive capability, excellent phase and gain margins, low open loop high frequency output impedance and symmetrical source/sink AC frequency response.
SOP-8
DIP-8
FEATURES
*Wide bandwidth: 4.5 MHz *High slew rate: 13V/s *Fast settling time:1.1s to 0.1% *Wide single supply operation: 3.0V to 44V *Wide input common mode voltage range: Includes Ground (VEE) *Low input offset voltage: 3.0mV maximum *Large output voltage swing: -14.7V to +14V (with +-15V supplies) *Large Capacitance Drive Capability:0 pF to 10,000 pF *Low total harmonic distortion: 0.02% *Excellent phase margin: 60 *Excellent gain margin: 12dB *Output short circuit protection *ESD Diodes/Clamps provide input protection
PING CONFIGURATIONS
Output 1 1
8
VCC
Input 1
2
7 Output 2
Input 1
3
6 Input 2
VEE
4
5 Input 2
UTC
UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R105-007,A
UTC MC34072 LINEAR INTEGRATED CIRCUIT
TEST CIRCUIT
ABSOLUTE MAXIMUM RATINGS(Ta=25C )
PARAMETER SYMBOL VALUE UNIT
Supply Voltage (from VEE to VCC) Vs +44 V Differential Input Voltage VIDR Note 1 V Input Voltage VIR Note 1 V Output Short Circuit Duration (Note 2) tSC Indefinite sec Operating Junction Temperature Tj +150 C Storage Temperature Range Tstg -60 to 150 C Notes: 1.Either or both input voltages should not exceed the magnitude of VCC or VEE. 2.Power dissipation must be considered to ensure maximum junction temperature (Tj) is not exceeded.
UTC
UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R105-007,A
UTC MC34072 LINEAR INTEGRATED CIRCUIT
ELECTRICAL CHARACTERISTICS(VCC=+15V, VEE=-15V, RL=connected to ground, unless otherwise
noted. )
PARAMETER
Input Offset Voltage (RS=100,VCM=0V,Vo=0V)
SYMBOL
VIO
TEST CONDITIONS
VCC=+15V,VEE=-15V, TA=+25C VCC=+5V,VEE=0V,TA=+25C VCC=+15V,VEE=-15V, TA=0C to 70C RS=10,VCM=0V,VO=0V, TA=0C to 70C TA=+25C TA=0C to 70C TA=+25C TA=0C to 70C TA=+25C TA= TA=0C to 70C TA=+25C TA=0C to 70C VCC=+5.0V,VEE=0V,RL=2.0k, TA=+25C VCC=+15.0V,VEE=-15V, RL=10k,TA=+25C VCC=+15.0V,VEE=-15V, RL=2.0k, TA=0C to 70C VCC=+5.0V,VEE=0V,RL=2.0k, TA=+25C VCC=+15.0V,VEE=-15V, RL=10k,TA=+25C VCC=+15.0V,VEE=-15V, RL=2.0k, TA=0C to 70C VID=1.0V,VO=0V, TA=25C Source Sink RS<=10k,VCM=VICR,TA=25C VCC/VEE=+16.5V/-16.5V TO +13.5/-13.5V,TA=25C VCC=+5.0V,VEE=0V,VO=+2.5V, TA=+25C VCC=+15.0V,VEE=-15V, VO=0V,TA=+25C VCC=+15.0V,VEE=-15V, VO=0V, TA=0C to 70C
MIN
TYP
0.5 0.5
MAX
3.0 3.0 5.0 10
UNIT
mV mV mV V/C nA nA nA nA V V V/mV V/mV V V V
Average Temperature Coefficient of Input Offset Voltage Input Bias Current (VCM=0V,Vo=0V) Input Offset Current (VCM=0V,Vo=0V) Input Common Mode Voltage Large Singal Voltage Gain (Vo=+-10V,RL=2.0k) Output Voltage Swing (VID=+-1.0V)
VIO/T IIB
100
500 700 50
IIO
6.0
VICR AVOL
300 VEE to (VCC -1.8) VEE to (VCC -2.2) 50 100 25 3.7 13.6 13.4 0.1 -14.7 0.3 -14.3 -13.5
4.0 14
VOH
Output Voltage Swing (VID=+-1.0V)
V V V
VOL
Output Short Circuit current
ISC
Common Mode Rejection Power Supply Rejection (RS=100) Power Supply Current (Per Amplifier, No Load)
CMR PSR ID
10 20 80 80
30 30 97 97 1.6 1.9 2.0 2.5 2.8
mA dB dB mA mA mA
UTC
UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R105-007,A


▲Up To Search▲   

 
Price & Availability of UTCMC34072

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X